PART |
Description |
Maker |
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AMD29F010B AM29F010B-90PI AMD29F010B-45EE AMD29F01 |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only / Uniform Sector Flash Memory 20V Single N-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML2402 with Tape and Reel Packaging 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位28亩8位)的CMOS 5.0伏只,统一部门快闪记忆 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位128亩8位)的CMOS 5.0伏只,统一部门快闪记忆
|
Advanced Micro Devices, Inc.
|
AMD29F010B AM29F010B AMD29F010B-120EC AMD29F010B-1 |
From old datasheet system 1 Mbit (128 K x 8-Bit) 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMD[Advanced Micro Devices] AMD Inc
|
AM29F100-1 AM29F100B-120DGC AM29F100B-120DGC1 AM29 |
1 megabit CMOS 5.0 volt-only, boot sector flash memory 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1 Hex Inverters 14-VQFN -40 to 85 1兆位28x 8-Bit/64x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 120 ns, UUC47 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 1兆位28亩x 8-Bit/64亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 Hex Inverters 14-TSSOP -40 to 85 1兆位28亩x 8-Bit/64亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. PROM ADVANCED MICRO DEVICES INC
|
AM29LV200BB-120WAC AM29LV200BB-120WAF AM29LV200BB- |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位56Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位256Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 90 ns, PBGA48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Advanced Micro Devices, Inc.
|
AM29LV128LH103EI AM29LV128LH103FI AM29LV128LH103PC |
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 100ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 110ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 120ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 90ns
|
Advanced Micro Devices
|
AM29LV642DU120PAE AM29LV642DU50PAE AM29LV642DU50PA |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OControl 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
|
Advanced Micro Devices, Inc.
|
AM42DL1612DT70IS AM42DL1622DB30IT DL164 DL163 |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc. http://
|
EN71NS128B0-7DCWP EN71NS128B011 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
AM29LV200 AM29LV200B-100EC AM29LV200B-100ECB AM29L |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
AMD[Advanced Micro Devices]
|
AM70PDL127BDH85I AM70PDL129BDH AM70PDLI27BDH AM70P |
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP) 2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
|
SPANSION[SPANSION]
|
AM29PDL128G90 AM29PDL128G AM29PDL128G70 AM29PDL128 |
128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
|
SPANSION[SPANSION]
|